Part Number Hot Search : 
103SFC2D 5KP30A WRB2405 NTE1377 29F40 ES5196 TLP596G CPH3456
Product Description
Full Text Search
 

To Download AP21X1MPG-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ap2141/ ap2151 document number: ds31562 rev. 7 - 2 1 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 0.5a single channel current-limited power switch description the ap2141 and ap2151 are integrated high-side power switches optimized for universal serial bus (usb) and other hot-swap applications. the family of devices complies with usb 2.0 and available with both polarities of enable input. they offer current and thermal limiting and short circuit prot ection as well as controlled rise time and under-voltage lockout functionality. a 7ms deglitch capability on the open-drain flag output prevents false over-current reporting and does not require any external components. all devices are available in so-8, msop-8ep, sot25, and u-dfn2018-6 packages features ? single usb port power switches ? over-current and thermal protection ? 0.8a accurate current limiting ? reverse current blocking ? 95m ? on-resistance ? input voltage range: 2.7v - 5.5v ? 0.6ms typical rise time ? very low shutdown current: 1a (max) ? fault report (flg) with blanking time (7ms typ) ? esd protection: 4kv hbm, 400v mm ? active high (ap2151) or active low (ap2141) enable ? ambient temperature range -40c to +85c ? sot25, so-8, msop-8ep (exposed pad), and u-dfn2018-6: available in ?green? molding compound (no br, sb) ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? ul recognized, file number e322375 ? iec60950-1 cb scheme certified applications ? consumer electronics ? lcd tv & monitor, game machines ? communications ? set-top-box, gps, smartphone ? computing ? laptop, desktop, servers, printers, docking station, hub pin assignments en out gnd in flg 1 2 3 5 4 sot25 ( top view ) notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and < 1000ppm antimony compounds.
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 2 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 typical applications circuit 0.1uf in gnd en out on 120uf power supply 2.7v to 5.5v 0.1uf off flg load 10k 10uf ap2151 enable active high available options part number channel enable pin (en) current limi t (typical) recommended maximum continuous load current ap2141 1 active low 0.8a 0.5a ap2151 1 active high 0.8a 0.5a pin descriptions pin name pin number function so-8 msop-8ep sot25 u-dfn2018-6 gnd 1 1 2 1 ground in 2, 3 2, 3 5 2 voltage input pin (all in pins must be tied together externally). en 4 4 4 3 enable input. active low (ap2141) or active high (ap2151). flg 5 5 3 4 over-current and over-temperature fault report. open-drain flag is active low when triggered out 6, 7 6, 7 1 5, 6 voltage output pin (all out pins must be tied together externally). nc 8 8 n/a n/a no internal connection; recommend tie to out pins exposed pad ? exposed pad ? exposed pad exposed pad. it should be externally connected to gnd plane and thermal mass for enhanced thermal impedance. it should not be used as electr ical ground conduction path.
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 3 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 functional block diagram ap2141, ap2151 thermal sense driver flg out gnd in en uvlo current limit current sense deglitch absolute maximum ratings (@t a = +25c, unless otherwise specified.) symbol parameter ratings units esd hbm human body model esd protection 4 kv esd mm machine model esd protection for so-8,msop-8ep, sot25 packages 400 v machine model esd protection for u-dfn2018-6, so-8 packages 300 v v in input voltage 6.5 v v out output voltage v in +0.3 v v en , v flg enable voltage 6.5 v i load maximum continuous load current internal limited a t j(max) maximum junction temperature 150 c t st storage temperature range (note 4) -65 to +150 c caution: stresses greater than the 'absol ute maximum ratings' specified above, may cause permanent damage to the device. these are stress ratings only; functional operation of the device at thes e or any other conditions exceeding those indi cated in this specification is not imp lied. device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time. semiconductor devices are esd sensitive and may be damaged by ex posure to esd events. suitable esd precautions should be taken when handling and transporting these devices note: 4. ul recognized rating from -30c to +70c (diodes qualified t st from -65c to +150c) recommended operating conditions (@t a = +25c, unless otherwise specified.) symbol parameter min max units v in input voltage 2.7 5.5 v i out output current 0 500 ma t a operating ambient temperature -40 +85 ? c v il en input logic low voltage 0 0.8 v v ih en input logic high voltage 2 v in v
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 4 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 electrical characteristics (@t a = +25c, v in = +5.0v, unless otherwise specified.) symbol parameter conditions min typ max unit v uvlo input uvlo r load = 1k ? 1.6 1.9 2.5 v i shdn input shutdown current disabled, i out = 0 0.5 1 a i q input quiescent current enabled, i out = 0 45 70 a i leak input leakage current disabled, out grounded 1 a i rev reverse leakage current disabled, v in = 0v, v out = 5v, i rev at v in 1 a r ds(on) switch on-resistance v in = 5v, i out = 0.5a t a = +25c sot25, so-8, msop-8ep 95 115 m ? u-dfn2018-6 90 110 -40c t a +85c 140 v in = 3.3v, i out = 0.5a t a = +25c 120 140 -40c t a +85c 170 i short short-circuit current limit enabled into short circuit, c l = 22f 0.6 a i limit over-load current limit v in = 5v, v out = 4.8v, c l = 22f, -40 ? c t a +85c 0.6 0.8 1.0 a i trig current limiting trigger threshold output current slew rate (<100a/s) , c l = 22f 1.0 a i sink en input leakage v en = 5v 1 a t d(on) output turn-on delay time c l = 1f, r load = 10 ? 0.05 ms t r output turn-on rise time c l = 1f, r load = 10 ? 0.6 1.5 ms t d(off) output turn-off delay time c l = 1f, r load = 10 ? 0.01 ms t f output turn-off fall time c l = 1f, r load = 10 ? 0.05 0.1 ms r flg flg output fet on-resistance i flg =10ma 20 40 ? t blank flg blanking time c in = 10f, c l = 22f 4 7 15 ms t shdn thermal shutdown threshold enabled, r load = 1k ? 140 ? c t hys thermal shutdown hysteresis 25 ? c ja thermal resistance junction-to- ambient so-8 (note 5) 110 o c/w msop-8ep (note 6) 60 o c/w sot25 (note 7) 157 o c/w u-dfn2018-6 (note 8) 70 o c/w notes: 5. test condition for so-8: device mounted on fr-4, 2oz copper, with minimum recommended pad layout. 6. test condition for so-8, msop-8ep: device mounted on 2? x 2? fr-4 substrate pc board, 2oz copper, with minimum recommende d pad on top layer and thermal vias to bottom layer ground plane. 7. test condition for sot25: device mounted on fr-4, 2oz copper, with minimum recommended pad layout. 8. test condition for u-dfn2018-6: devi ce mounted on fr-4 2-layer board, 2oz copper, with minimum recommended pad on top lay er and 3 vias to bottom layer 1.0?x1.4? ground plane.
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 5 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 typical performance characteristics v en 90% v out t d(on) 10% t d(off) 50% 50% t r 10% 90% t f v en 90% v out t d(on) 10% t d(off) 50% 50% t r 10% 90% t f figure 1. voltage waveforms: ap2141 (left), ap2151 (right) all enable plots are for ap2151 active high turn-on delay and rise time 500s/div turn-off delay and fall time 500s/div turn-on delay and rise time 500s/div turn-off delay and fall time 500s/div v out 2v/div v en 5v/div c l = 1f t a = +25c r l =10 ? v en 5v/div v en 5v/div v en 5v/div v out 2v/div v out 2v/div v out 2v/div c l = 1f t a = +25c r l =10 ? c l = 1f t a = +25c r l =10 ? c l = 1f t a = +25c r l =10 ?
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 6 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 typical performance characteristics (cont.) short circuit current, device enabled into short 500s/div inrush current 1ms/div 3 ? load connected to enabled device 2ms/div 2 ? load connected to enabled device 2ms/div short circuit with blanking time and recovery 20ms/div power on 1ms/div i out 200ma/div i out 200ma/div v in = 5v t a = +25c c l = 22f v in = 5v t a = +25c r l = 10 ? c l = 470f c l = 220f c l = 100f v flag 2v/div i out 500ma/div v in = 5v t a = +25c c l = 22f i out 1a/div v out 5v/div v in 5v/div t a = +25c c l = 22f r l = 10 ? i out 200ma/div v en 5v/div v en 5v/div v en 5v/div v in = 5v t a = +25c c l = 22f v in = 5v t a = +25c c l = 22f v flag 2v/div i out 500ma/div v flag 5v/div v flag 5v/div
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 7 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 typical performance characteristics (cont.) uvlo increasing 1ms/div uvlo decreasing 10ms/div turn-on time vs input voltage 0 100 200 300 400 500 600 700 800 1.522.533.544.555.56 input voltage (v) turn-on time (us) turn-off time vs input voltage 28 28 29 29 30 30 31 31 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 input voltage (v) turn-off time (us) rise time vs input voltage 0 100 200 300 400 500 600 1.522.533.544.555.56 input voltage (v) rise time (us) fall time vs input voltage 19 20 21 22 23 24 25 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 input voltage (v) fall time (us) c l = 1f r l = 10 ? t a = +25c t a = +25c c l = 22f r l = 10 ? t a = +25c c l = 22f r l = 10 ? c l = 1f r l = 10 ? t a = +25c c l = 1f r l = 10 ? t a = +25c c l = 1f r l = 10 ? t a = +25c v in 2v/div v in 2v/div i out 200ma/div i out 200ma/div
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 8 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 typical performance characteristics (cont.) supply current, output enabled vs ambient temperature 30 35 40 45 50 55 60 65 -60 -40 -20 0 20 40 60 80 100 ambient temperature (c) supply current, output enabled (ua) supply current, output disabled vs ambient temperature 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 -45 -25 -5 15 35 55 75 95 ambient temperature (c) supply current, output disabled (ua) static drain-source on-state resistance vs ambient temperature 100 110 120 130 140 150 160 170 180 190 200 -60 -40 -20 0 20 40 60 80 100 ambient temperature (c) static drain-source on-state resistance (m ? ) short-circuit output current vs ambient temperature 630 640 650 660 670 680 690 700 710 -60 -40 -20 0 20 40 60 80 100 ambient temperature (c) short-circuit output current (ma) undervoltage lockout vs ambient temperature 1.95 1.96 1.97 1.98 1.99 2.00 2.01 2.02 2.03 2.04 2.05 -60 -40 -20 0 20 40 60 80 100 ambient temperature (c) undervoltage lockout (v) threshold trip current vs input voltage 1.10 1.11 1.12 1.13 1.14 1.15 2.8 3.3 3.8 4.3 4.8 5.3 input voltage (v) threshold trip current (a) uvlo falling uvlo rising v in = 5.5v t a = +25c c l = 22f v in = 5.0v v in = 3.3v v in = 2.7v v in = 5.5v v in = 5.0v v in = 3.3v v in = 2.7v v in = 5.0v v in = 3.3v v in = 2.7v v in = 5.5v v in = 5.0v v in = 3.3v v in = 2.7v
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 9 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 typical performance characteristics (cont.) current limit response vs peak current 0 5 10 15 20 25 30 35 40 45 2345678910 peak current (a) current limit response (us) c l = 22f v in = 5v t a = +25c
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 10 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 application information power supply considerations a 0.01- f to 0.1- f x7r or x5r ceramic bypass capacitor between in and gnd, close to the device, is re commended. placing a high-value electrolytic capacit or on the input (10- f minimum) and output pin(s) is recommended when t he output load is heavy. this precaution reduces power-supply transients that may cause ringing on the input. additionally, bypassing the output with a 0.01- f to 0.1- f ceramic capacitor improves the immunity of the device to short-circuit transients. over-current and short circuit protection an internal sensing fet is employed to c heck for over-current conditions. unlike current-sense resistors, sense fets do not inc rease the series resistance of the current path. when an over current condition is detected, the device maintains a constant output current and r educes the output voltage accordingly. complete shutdown occurs only if the fault stays long enough to activate thermal limiting. three possible overload condi tions can occur. in the first c ondition, the output has been shorted to gnd before the device is e nabled or before v in has been applied. the ap2141/ap2151 senses the s hort circuit and immediately clamps output current to a certain safe level name ly i limit . in the second condition, an output short or an overload occurs while the device is enabl ed. at the instance the overload occur s, higher current may flow for a very short period of time before the current limit function can react. after the cu rrent limit function has tripped (reached the over-current trip threshold), the device switches into curr ent limiting mode and the current is clamped at i limit . in the third condition, the load has been gradually increased bey ond the recommended operating current. the current is permitte d to rise until the current-limit threshold (i trig ) is reached or until the thermal limit of the device is exceeded. the ap2141/ap2151 is capable of delivering current up to the current-limit threshold without damaging the device. once the threshold has been reached, th e device switches into its c urrent limiting mode and is set at i limit . note that when the output has been shorted to gnd at extremely low temperature (< -30c), a minimum 120- f electrolytic capacitor on the output pin is recommended. a correct capacitor type with capacitor voltage rating and temperature characteristics must be properly ch osen so that capacitance value does not drop too low at the extremely low temperature operation. a reco mmended capacitor should have temper ature characteristics of less than 10% variati on of capacitance change when operated at extremely low temp. our recommended aluminum electrolytic capacitor type is panasonic fc series. flg response when an over-current or over-temperature shutdown condition is encountered, the flg open -drain output goes active low after a n ominal 7-ms deglitch timeout. the flg output remains low until both over-c urrent and over-temperature condi tions are removed. connecting a heavy capacitive load to the output of the device can cause a momentary over-current condition, which does not trigger the flg due to the 7-ms d eglitch timeout. the ap2141/ap2151 is designed to eliminate fals e over-current reporting without the need of external components to remove unwan ted pulses. power dissipation and junction temperature the low on-resistance of the internal mosfet allows the small surface-mount packages to pass large current. using the maximum o perating ambient temperature (t a ) and r ds(on) , the power dissipation can be calculated by: p d = r ds(on) i 2 finally, calculate the junction temperature: t j = p d x r ja + t a where: t a = ambient temperature c r ja = thermal resistance p d = total power dissipation
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 11 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 application information (cont.) thermal protection thermal protection prevents the ic from damage when heavy-overl oad or short-circuit faults are present for extended periods of time. the ap2141/ap2151 implements a thermal sensing to monitor the operati ng junction temperature of the power distribution switch. once the die temperature rises to approximately 140c due to excessive power di ssipation in an over-current or short-circuit condition the i nternal thermal sense circuitry turns the power switch off, thus preventing the power sw itch from damage. hysteresis is built into the thermal sense circuit allowing the device to cool down approximately 25c before the switch turns back on. the switch continues to cycle in this manner until the load fault or input power is removed. the flg open-drain output is asserted when an over-temperature shutdown or over-current occurs with 7-ms degl itch. under-voltage lockout (uvlo) under-voltage lockout function (uvl o) keeps the internal power switch from bei ng turned on until the power supply has reached a t least 1.9v, even if the switch is enabled. whenever the input voltage falls below approximately 1.9v, the power switch is quickly turned off. th is facilitates the design of hot-insertion systems where it is not possible to turn off the power switch before input power is removed. host/self-powered hubs hosts and self-powered hubs (sph) have a local power supply that powers the embedded functions and the downstream ports (see fi gure 2). this power supply must provide from 5.25v to 4.75v to the board side of the downstream connection under both full-load and no-load c onditions. hosts and sphs are required to have current-limit protection and must repor t over-current conditions to the usb controller. typical s phs are desktop pcs, monitors, printers, and stand-alone hubs. figure 2. typical one-port usb host / self-powered hub generic hot-plug applications in many applications it may be necessary to remove modules or pc boards while the main unit is still operating. these are consi dered hot-plug applications. such implementations require th e control of current surges seen by the main power supply and the card being inser ted. the most effective way to control these surges is to limit and slowly ramp the current and voltage being applied to the card, similar to the way in which a power supply normally turns on. due to the controlled rise times and fall times of the ap2141/ap2151, these devices can be used to provide a softer start-up to devices being hot-plugged into a powered system . the uvlo feature of the ap2141/ap2151 also ensures that the switch is off after the card has been removed, and that the switch is off during the next insertion. by placing the ap2141/ap2151 between the v cc input and the rest of the circuitry, the input po wer reaches these devices first after insertion. the typical rise time of the switch is approximately 1ms, providi ng a slow voltage ramp at the output of the device. this implement ation controls system surge current and provides a hot-p lugging mechanism for any device.
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 12 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 ordering information part number package code packaging 7?/13? tape and reel quantity part number suffix ap21x1wg-7 w sot25 3000/tape & reel -7 ap21x1sg-13 s so-8 2500/tape & reel -13 AP21X1MPG-13 mp msop-8ep 2500/tape & reel -13 ap21x1fmg-7 fm u-dfn2018-6 3000/tape & reel -7 . marking information (1) so-8 ap21x x ( top view ) yy ww x x part number logo ww : week : 01~52; 52 yy : year : 08, 09,10~ g : green x : internal code 8765 1 2 34 4 : active low 5 : active high 1 : 1 channel represents 52 and 53 week (2) msop-8ep
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 13 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 marking information (cont.) (3) sot25 1 2 3 5 7 4 xx y w x xx : identification code w : week : a~z : 1~26 week; x : a~z : green ( top view ) y : year 0~9 a~z : 27~52 week; z represents 52 and 53 week (4) u-dfn2018-6 y : year : 0~9 (top view) x : a~z : green y w x xx xx : identification code w : week : a~z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week device package type identification code ap2141w sot25 hr ap2151w sot25 hs device package type identification code ap2141fm u-dfn2018-6 hr ap2151fm u-dfn2018-6 hs
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 14 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. (1) so-8 (2) msop-8ep so-8 dim min max a - 1.75 a1 0.10 0.20 a2 1.30 1.50 a3 0.15 0.25 b 0.3 0.5 d 4.85 4.95 e 5.90 6.10 e1 3.85 3.95 e 1.27 typ h - 0.35 l 0.62 0.82 ?? 0? 8 ? all dimensions in mm msop-8ep dim min max typ a - 1.10 - a1 0.05 0.15 0.10 a2 0.75 0.95 0.86 a3 0.29 0.49 0.39 b 0.22 0.38 0.30 c 0.08 0.23 0.15 d 2.90 3.10 3.00 d1 1.60 2.00 1.80 e 4.70 5.10 4.90 e1 2.90 3.10 3.00 e2 1.30 1.70 1.50 e3 2.85 3.05 2.95 e - - 0.65 l 0.40 0.80 0.60 a 0 8 4 x - - 0.750 y - - 0.750 all dimensions in mm gauge plane seating plane detail ?a? detail ?a? e e1 h l d e b a2 a1 a 45 7 ~ 9 a3 0.254 1 d a a1 a2 e e y x seating plane gauge plane l d 8xb see detail c detail c c a e1 e3 a3 e2 4 x 1 0 4 x 1 0 0.25 d1
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 15 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. (3) sot25 (4) u-dfn2018-6 sot25 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ?? ?? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 n 0.70 0.80 0.75 ?? 0 8 ?? all dimensions in mm u-dfn2018-6 dim min max typ a 0.545 0.605 0.575 a1 0 0.05 0.02 a3 ?? ?? 0.13 b 0.15 0.25 0.20 d 1.750 1.875 1.80 d2 1.30 1.50 1.40 e ?? ?? 0.50 e 1.95 2.075 2.00 e2 0.90 1.10 1.00 l 0.20 0.30 0.25 z ? ? 0.30 all dimensions in mm a m j l d b c h k n seating plane e e2 l a d d2 a3 a1 e b pin#1 id z
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 16 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (1) so-8 (2) msop-8ep (3) sot25 (4) u-dfn2018-6 dimensions value (in mm) x 0.60 y 1.55 c1 5.4 c2 1.27 dimensions value (in mm) c 0.650 g 0.450 x 0.450 x1 2.000 y 1.350 y1 1.700 y2 5.300 dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 dimensions value (in mm) c 0.50 g 0.20 x 0.25 x1 1.60 y 0.35 y1 1.20 x c1 c2 y g x c y y2 y1 x1 x z y c1 c2 c2 g y xc x1 g y1
ap2141/ ap2151 document number: ds31562 rev. 7 - 2 17 of 17 www.diodes.com march 2013 ? diodes incorporated ap2141/ ap2151 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of AP21X1MPG-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X